PART |
Description |
Maker |
XQV1000 XQC100-4CG560M XQC1000-4CG560M XQC300-4CG5 |
QPro Virtex 2.5V QML high-reliability FPGA. SMD number 5962-9957201NNA. QPro Virtex 2.5V QML High-Reliability FPGAs FPGA, 1536 CLBS, 322970 GATES, PBGA352 QPro Virtex 2.5V QML High-Reliability FPGAs FPGA, 661111 GATES, PBGA432 QPro Virtex 2.5V QML High-Reliability FPGAs QPro的Virtex 2.5V的QML第高可靠性的FPGA QPro Virtex 2.5V QML high-reliability FPGA. SMD number 5962-9957301NUA QPro Virtex 2.5V QML high-reliability FPGA. SMD number 5962-9957201NUA.
|
Xilinx, Inc.
|
FJP5027 FJP5027TU FJP5027R FJP5027RTU |
Wide SOA High Speed Switching High Voltage and High Reliability NPN Silicon Transistor
|
FAIRCHILD[Fairchild Semiconductor]
|
2N930CSM |
HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED/ MEDIUM POWER/ NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS Supercapacitor; Capacitance:0.68F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin
|
Central Semiconductor Corp SEME-LAB[Seme LAB] TT electronics Semelab Limited
|
CDP1821C CDP1821C3 FN2983 CDP1821C_3 CDP1821CD3 CD |
From old datasheet system High-Reliability CMOS 1024-Word x 1-Bit Static RAM 高可靠性的CMOS 1024字1位静态存储器 High-Reliability CMOS 1024-Word x 1-Bit Static RAM 1K X 1 STANDARD SRAM, 255 ns, CDIP16
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
KSC5027 C5027 KSC5027N KSC5027O KSC5027R |
High Voltage and High Reliability 3 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BD63875EFV BD63875EFV-E2 |
High Performance, High Reliability 36V Series Stepping Motor Driver
|
ROHM
|
SML-512DW SML512BC5T SML-512CW SML-511WW SML-511UW |
Original device technology enables high brightness and high reliability
|
Rohm http://
|
RSX201L-30 RSX201L-30TE25 |
High Efficiency , High Reliability Type Schottky Barrier Diode
|
ROHM
|
MJD47 MJD50 MJD47TF |
High Voltage and High Reliability D-PAK for Surface Mount Applications
|
FAIRCHILD[Fairchild Semiconductor]
|